Part Number Hot Search : 
ASWSS01 ADTR2 GD16E 3045C ATS12ASM AWG0020 ST4G3235 TC4078
Product Description
Full Text Search
 

To Download HI327601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI3276
TM
Data Sheet
November 2001
File Number
4717.2
8-Bit, 160MSPS, Flash A/D Converter
The HI3276 is an 8-bit, high-speed, flash analog-to-digital converter optimized for high speed, low power, and ease of use. With a 160MSPS encode rate capability and full-power analog bandwidth of 250MHz, this component is ideal for applications requiring the highest possible dynamic performance. To minimize system cost and power dissipation, only a +5V power supply is required. The HI3276 clock input interfaces directly to TTL, ECL or PECL logic and will operate with singleended inputs. The user may select 16-bit demultiplexed output or 8-bit single channel digital outputs. The demultiplexed mode interleaves the data through two 8-bit channels at 1/2 the clock rate. Operation in demultiplexed mode reduces the speed and cost of external digital interfaces, while allowing the A/D converter to be clocked to the full 160MSPS conversion rate. Fabricated with an advanced Bipolar process, the HI3276 is provided in a space-saving 48 lead MQFP surface mount plastic package and is specified over the -20oC to 75oC temperature range.
Features
* Differential Linearity Error. . . . . . . . . . . . . . . . . . 0.5 LSB * Integral Linearity Error . . . . . . . . . . . . . . . . . . . . 0.5 LSB * Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . . 10pF * Wide Analog Input Bandwidth . . . . . . . . . . . . . . . 250MHz * Low Power Consumption . . . . . . . . . . . . . . . . . . . 550mW * 1:2 Demultiplexed Output Pin * Internal 1/2 Frequency Divider Circuit (w/Reset Function) * CLK/2 Clock Output * Compatible with PECL, ECL and TTL Digital Input Levels * Direct Replacement for Sony CXA3276Q
Applications
* LCD/PDP Monitors and Projectors (RGB Video) * Digital Oscilloscopes * Digital Communications (QPSK, QAM) * Magnetic Recording (PRML)
Ordering Information
PART NUMBER HI3276JCQ TEMP. RANGE (oC) -20 to 75 PACKAGE 48 Ld MQFP PKG. NO. Q48.12x12-S
Pinout
HI3276 (MQFP) TOP VIEW
RESETN/E RESET/E RESETN/T SELECT INV CLKOUT DVCC2 DGND2
PBD7
PBD6 PBD5
DVEE3 VRB AGND VRM1 AVCC VIN VRM2 AVCC VRM3 AGND VRT DGND3
1 2 3 4 5 6 7 8 9 10
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
PBD4
PBD3 PBD2 PBD1 PBD0 DGND2 DVCC2 DVCC1 DGND1 PAD7 PAD6 PAD5 PAD4
11 25 12 13 14 15 16 17 18 19 20 21 22 23 24
DVCC2
CLK/T NC
CLKN/E
DGND2 PAD0 PAD1
NC
CLK/E
NC
PAD2
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2001. All Rights Reserved
PAD3
HI3276 Block Diagram
AVCC 5 VRT 11 R1 R/2 R/2 1 R 39 PBD6 2 R 63 VRM3 9 R 64 R 35 PBD2 65 6 BITS R 126 R 127 VRM2 VIN 7 6 R 129 6 BITS R 191 VRM1 4 R LATCHB TTLOUT 192 R 193 R 254 R 255 R/2 VRB CLK/T CLK/E CLKN/E 2 R/2 21 PAD0 (LSB) DELAY 16 NC 17 NC 18 NC 14 D RESETN/T RESETN/E RESET/E 46 48 47 3 10 45 29 20 32 41 1 DVEE3 Q SELECT Q 43 CLKOUT 6 BITS 23 PAD2 22 PAD1 26 PAD5 25 PAD4 24 PAD3 27 PAD6 R 128 ENCODER 6-BIT LATCH AND ENCODER 34 PBD1 33 P1D0 (LSB) 8 BITS 6 BITS 38 PBD5 LATCHA TTLOUT 37 PBD4 36 PBD3 (MSB) 40 PBD7 8 INV 44 DVCC1 30 DVCC2 19 31 42 DGND3 12
(8 BITS)
(MSB) 28 PAD7
15 13
AGND
SELECT DGND1
DGND2
2
HI3276
Absolute Maximum Ratings
TA = 25oC
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (Lead Tips Only)
Supply Voltage (AVCC , DVCC1, DVCC2) . . . . . . . . . . -0.5V to +7.0V (DGND3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V (DVEE3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7.0V to +0.5V (DGND3 - DVEE3) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V Analog Input Voltage (VIN) . . . . . . . . . . . . . . . . . VRT - 2.7V to AVCC Reference Input Voltage (VRT). . . . . . . . . . . . . . . . . +2.7V to AVCC (VRB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VIN - 2.7V to AVCC (|VRT - VRB|). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.5V Digital Input Voltage PECL/ECL . . . . . . . . . . . . . . . . . . . DVEE3 - 0.5 to DGND3 + 0.5 TTL . . . . . . . . . . . . . . . . . . . . . . . . . DGND3 - 0.5 to DVCC1 + 0.5 VID (|***/E - ***N/E| (Note 2)) . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V
Recommended Operating Conditions
WITH A SINGLE POWER SUPPLY MIN TYP MAX Supply Voltage DVCC1 , DVCC2 , AVCC . . . . . . . . . . . . . . . +4.75 +5.0 +5.25V DGND1, DGND2, AGND . . . . . . . . . . . . . -0.05 0 +0.05V DGND3. . . . . . . . . . . . . . . . . . . . . . . . . . . +4.75 +5.0 +5.25V DVEE3 . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05 0 +0.05V VRT Analog Input Voltage (VIN) . . . . . . . . . . . . . . VRB Reference Input Voltage +4.1V VRT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.9 VRB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.4 +2.6V +2.1V |VRT - VRB| . . . . . . . . . . . . . . . . . . . . . . . . +1.5 Digital Input Voltage PECL (***/E) VIH . . . . . . . . . . . . . . . DVEE3 + 1.5 DGND3 PECL (***/E) VIL . . . . . . . . . . . . . . . DVEE3 + 1.1 VIH - 0.4V TTL (***/T, INV) VIH . . . . . . . . . . . . . . . . . +2.0V TTL (***/T, INV) VIL . . . . . . . . . . . . . . . . . . +0.8V DVCC1 Other (SELECT) VIH . . . . . . . . . . . . . . . . Other (SELECT) VIL . . . . . . . . . . . . . . . . . DGND1 +0.8 VID (Note 2) (|***/E- ***N/E|) . . . . . . . . . . +0.4 Max Conversion Rate (fC , Straight Mode) . . . 125 MSPS Max Conversion Rate (fC , DMUX Mode) . . . . 160 MSPS Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . -20oC to 75oC WITH DUAL POWER SUPPLIES MIN TYP MAX Supply Voltage DVCC1 , DVCC2 , AVCC . . . . . . . . . . . . . . . +4.75 +5.0 +5.25V DGND1, DGND2, AGND . . . . . . . . . . . . . -0.05 0 +0.05V DGND3. . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05 0 +0.05V DVEE3 . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.5 -5.0 -4.75V VRT Analog Input Voltage (VIN). . . . . . . . . . . . . . VRB Reference Input Voltage +4.1V VRT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.9 VRB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.4 +2.6V +2.1V |VRT - VRB|. . . . . . . . . . . . . . . . . . . . . . . . +1.5 Digital Input Voltage PECL/ECL VIH . . . . . . . . . . . . . . . . . . . . . . . DVEE3 + 1.5 DGND3 PECL/ECL VIL . . . . . . . . . . . . . . . . . . . . . . . DVEE3 + 1.1 VIH - 0.4 TTL (***/T, INV) VIH . . . . . . . . . . . . . . . . . 2.0 TTL (***/T, INV) VIL . . . . . . . . . . . . . . . . . +0.8V DVCC1 Other (SELECT) VIH . . . . . . . . . . . . . . . . Other (SELECT) VIL . . . . . . . . . . . . . . . . . DGND1 0.8 VID (Note 2) (|***/E- ***N/E|) . . . . . . . . . . +0.4 Max Conversion Rate (fC , Straight Mode) . . . 125 MSPS Max Conversion Rate (fC , DMUX Mode) . . . . 160 MSPS Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . -20oC to 75oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on an evaluation PC board in free air. 2. VID : Input Voltage Differential.
Electrical Specifications
PARAMETER Resolution DC CHARACTERISTICS Integral Linearity Error, INL Differential Linearity Error, DNL ANALOG INPUT Analog Input Capacitance, CIN Analog Input Resistance, RIN Analog Input Current, IIN
DVCC1 , 2 , AVCC , DGND3 = +5V, DGND1, 2, AGND, DVEE3 = 0V, VRT = 4V, VRB = 2V, TA = 25oC TEST CONDITIONS MIN TYP 8 MAX UNITS Bits
VIN = 2VP-P , fC = 5MSPS
-
-
0.5 0.5 35 285
LSB LSB
VIN = +3.0V, +0.07VRMS
7 0
10 15 100
pF k A
3
HI3276
Electrical Specifications
PARAMETER REFERENCE INPUT Reference Resistance (Note 3), RREF Reference Current (Note 4), IREF Offset Voltage VRT Side, EOT Offset Voltage VRB Side, EOB DIGITAL INPUT (PECL/ECL) Digital Input Voltage: High, VIH Digital Input Voltage: Low, VIL Threshold Voltage, VTH Digital Input Current: High, IIH Digital Input Current: Low, IIL Digital Input Capacitance DIGITAL INPUT (TTL) Digital Input Voltage: High, VIH Digital Input Voltage: Low, VIL Threshold Voltage, VTH Digital Input Current: High, IIH Digital Input Current: Low, IIL Digital Input Capacitance DIGITAL OUTPUT (TTL) Digital Output Voltage: High, VOH Digital Output Voltage: Low, VOL SWITCHING CHARACTERISTICS Maximum Conversion Rate, fC Aperture Jitter, tAJ Sampling Delay, tDS Clock High Pulse Width, tPW1 Clock Low Pulse Width, tPW0 RESET Signal Setup Time, tRS RESET Signal Hold Time, tRH CLKOUT Output Delay, tDCLK Data Output Delay (Note 5), tDO1 tDO2 CLK CLK RESETN-CLK RESETN-CLK CL = 5pF DMUX Mode (CL = 5pF) (CL = 5pF) 0.8 to 2.0V 0.8 to 2.0V (CL = 5pF) (CL = 5pF) DMUX Mode 160 1.2 2.5 2.9 1.0 -0.5 3.0 3.5 10 1.3 4.5 t + 0.5 4.5 1 1 1.5 6.5 7.0 MSPS ps ns ns ns ns ns ns ns ns ns ns IOH = -2mA IOL = 1mA 2.4 0.5 V V VIH = 3.5V VIL = 0.2V 2.0 -10 -20 1.5 0.8 0 0 5 V V V A A pF VIH = DGND3 - 0.8V VIL = DGND3 - 1.6V DVEE3 + 1.5 DVEE3 + 1.1 -50 -50 DGND3 - 1.2 DGND3 VIH - 0.4 20 20 5 V V V A A pF 400 2.7 6 0 600 3.3 8 1.5 740 5.0 10 3 mA mV mV DVCC1 , 2 , AVCC , DGND3 = +5V, DGND1, 2, AGND, DVEE3 = 0V, VRT = 4V, VRB = 2V, TA = 25oC (Continued) TEST CONDITIONS MIN TYP MAX UNITS
Output Rise Time, tr Output Fall Time, tf DYNAMIC CHARACTERISTICS Input Bandwidth S/N Ratio
VIN = 2VP-P , -3dB fC = 160MSPS, fIN = 1kHz Full Scale, DMUX Mode fC = 160MSPS, fIN = 29.999MHz Full Scale, DMUX Mode
250 -
46 42 -
10-12 2 x 10-8 10-9
MHz dB dB TPS TPS TPS
Error Rate (Note 6)
fC = 160MSPS, fIN = 1kHz Full Scale, DMUX Mode, Error > 16 LSB fC = 160MSPS, fIN = 29.999MHz Full Scale, DMUX Mode, Error > 16 LSB fC = 125MSPS, fIN = 24.999MHz Full Scale, Straight Mode, Error > 16 LSB
4
HI3276
Electrical Specifications
PARAMETER POWER SUPPLY OPERATING Total Supply Current, ICC + IEE AVCC Pin Supply Current, AICC DVCC1 Pin Supply Current, DICC1 DVCC2 Pin Supply Current, DICC2 DGND3 Pin Supply Current, IEE Power Consumption, PD*6 NOTES: 3. RREF: Resistance value between VRT and VRB . V RT - V RB 4. I REF = ---------------------------- . R REF 1 5. t = ---- . fC 6. The unit of measure TPS: Times Per Sample. ( V RT - V RB ) 2 P D = ( I CC + I EE ) * V CC + ------------------------------------ . 7. V
REF
DVCC1 , 2 , AVCC , DGND3 = +5V, DGND1, 2, AGND, DVEE3 = 0V, VRT = 4V, VRB = 2V, TA = 25oC (Continued) TEST CONDITIONS MIN TYP MAX UNITS
89 62 22 4.0 0.5 480
108 550
140 87 36 15 1.5 700
mA mA mA mA mA mW
Timing Diagrams
N-1 VIN N+2 tDS N t N+1 N+3
CLK tPW1 tPW0 tD02 2V N 0.8V N+2
PAD0 TO D7
N-2
PBD0 TO D7 tDCLK 2V CLK OUT 0.8V
N-1 tD01 t + 1ns 2V 0.8V
2V 0.8V
N+1
N+3
RESET PULSE tPWR
FIGURE 1. DMUX MODE TIMING CHART (SELECT = VCC)
5
HI3276 Timing Diagrams
(Continued)
N-1 VIN tDS N t CLK tPW1 tPW0 2.0V 0.8V 2.0V 0.8V
N+2 N+1 N+3
PAD0 TO D7
N-4
N-3
N-2
N-1
N
PBD0 TO D7
N-5
N-2
N-1
N
N+1
tD02 CLK OUT (CLK IS INVERTED AND OUTPUT) 8ns 2.0V 0.8V tDCLK
RESET PULSE
FIGURE 2. STRAIGHT MODE TIMING CHART (SELECT = GND)
DGND3 VIH (MAX)
VIL VTH (DGND3 - 1.2V) VID VIH
VIL (MIN)
FIGURE 3. PECL SWITCHING LEVEL
Pin Descriptions
PIN NO 3, 10 5, 8 20, 29 32, 41 19, 30 31, 42 12 SYMBOL AGND AVCC DGND1 DGND2 DVCC1 DVCC2 DGND3 I/O GND +5V (Typ) GND +5V (Typ) +5V (Typ) (With a Single Power Supply) GND (With Dual Power Supplies) TYPICAL VOLTAGE LEVEL EQUIVALENT CIRCUIT DESCRIPTION Analog Ground. Separated from the digital ground. Analog Power Supply. Separated from the digital power supply. Digital Ground. Digital Power Supply. Digital Power Supply. Apply -5V for PECL and TTL input.
6
HI3276 Pin Descriptions
PIN NO 1 SYMBOL DVEE3 I/O (Continued) TYPICAL VOLTAGE LEVEL GND (With a Single Power Supply) +5V (Typ) (With Dual Power Supplies) 16, 17, 18 13 14 NC CLK/E CLK/NE I I PECL/ECL
DGND3
EQUIVALENT CIRCUIT
DESCRIPTION Digital Power Supply. Apply -5V for PECL and TTL input.
No Connect Pin. Clock Input. CLK/E Complementary Input. When left open, this pin goes to the threshold potential. Only CLK/E can be used for operation, but complementary input is recommended to attain fast and stable operation. Reset Input. When the input is set to low level, the built-in CLK frequency divider circuit can be reset. RESETN/E Complementary Input. When left open, this pin goes to the threshold voltage. Only RESETN/E can be used for operation. Clock input. Reset Input. When left open, this input goes to high level. When the input is set to low level, the built-in CLK frequency divider circuit can be reset.
1.5V
13 48
48
RESETN/E
I
14 47
47
RESET/E
I
DVEE3
15 46
CLK/T RESETN/T
I I
TTL
DVCC1
15 46 OR 44 , 45 DGND1 DVEE3
44
INV
I
TTL
DVCC1
Data Output Polarity Inversion Input. When left open, this input goes to high level. (See Table 1; I/O Correspondence Table).
44
DGND1 DVEE3
45
SELECT
VCC or Ground
DVCC1
Data Output Mode Selection. (See Table 2; Operating Mode Table).
45
DGND1 DVEE3
7
HI3276 Pin Descriptions
PIN NO 11 SYMBOL VRT I/O I (Continued) TYPICAL VOLTAGE LEVEL 4.0V (Typ)
11 R/2
EQUIVALENT CIRCUIT
R1
DESCRIPTION Top Reference Voltage. Bypass to AGND with a 1F tantal capacitor and a 0.1F chip capacitor. Reference Voltage Mid Point. Bypass to AGND with a 0.1F chip capacitor. Reference Voltage Mid Point. Bypass to AGND with a 0.1F chip capacitor.
9 7 4 2
VRM3 VRM2 VRM1 VRB I
VRB + 3 (VRT - VRB) -4 VRB + 2 (VRT - VRB) -4 VRB + 1 (VRT - VRB) -4 2.0V (Typ)
7 9
R COMPARATOR 1 R COMPARATOR 63 R COMPARATOR 64 COMPARATOR 127 R COMPARATOR 128 COMPARATOR 191 4 R COMPARATOR 192 R COMPARATOR 255 R/2 2 R2
Reference Voltage Mid Point. Bypass to AGND with a 0.1F chip capacitor. Bottom Reference Voltage. Bypass to AGND with a 1F tantal capacitor and a 0.1F chip capacitor.
6
VIN
I
VRT to VRB
COMPARATOR AVCC AVCC
Analog Input.
6
VREF
AGND DVEE3
21 to 28 33 to 40 43
PAD0 to PAD7 PBD0 to PBD7 CLKOUT
O
TTL
DVCC1 DVCC2
Port A side data output. TTL output; the high level is clamped to approximately 2.8V. Port B side data output. TTL output; the high level is clamped to approximately 2.8V. Clock Output. (See Table 2; Operating Mode Table). TTL output; the high level is clamped to approximately 2.8V.
O
21 TO 28
O
33 TO 40 43 DGND2 DGND1 DVEE3
8
HI3276
TABLE 1. A/D CODE INV 1 VIN VRT STEP 255 254 * * * VRM2 128 127 * * * 1 VRB 0 D7 D0 D7 0 D0
1111111100000000 1111111000000001 * * * * * *
1000000001111111 0111111110000000 * * * * * *
at one point each, via a ferrite-bead filter. Shorting the AGND and DGND patterns in one place immediately under the A/D converter improves A/D converter performance. - Ground the power supply pins (AVCC , DVCC1 , DVCC2 , DVEE3) as close to each pin as possible with a 0.1F or larger ceramic chip capacitor. (Connect the AVCC pin to the AGND pattern and the DVCC1 , DVCC2 , DVEE3 pins to the DGND pattern). - The digital output wiring should be as short as possible. If the digital output wiring is long, the wiring capacitance will increase, deteriorating the output slew rate and resulting in reflection to the output waveform since the original output slew rate is quite fast. * The analog input pin VIN has an input capacitance of approximately 10pF. To drive the A/D converter with proper frequency response, it is necessary to prevent performance deterioration due to parasitic capacitance or parasitic inductance by using a large capacity drive circuit; keeping wiring as short as possible, and using chip parts for resistors and capacitors, etc. * The VRT and VRB pins must have adequate bypass to protect them from high-frequency noise. Bypass them to AGND with approximately 1F tantal capacitor and, 0.1F capacitor. At this time, approximately DGND3 - 1.2V voltage is generated. However, this is not recommended for use as threshold voltage VBB as it is too weak. * The TTL output high level is clamped to approximately 2.8V in the IC. This makes it possible to directly interface with 3.3V CMOS ICs. When the digital input level is PECL level, ***/E pins should be used and ***/T pins left open. When the digital input level is TTL, ***/T pins should be used and III/E pins left open.
0000000111111110 0000000011111111
Notes on Operation
* The HI3276 is a high-speed A/D converter which is capable of TTL, ECL and PECL level clock input. Characteristic impedance should be properly matched to ensure optimum performance during high-speed operation. * The power supply and grounding have a profound influence on converter performance. The power supply and grounding method are particularly important during highspeed operation. General points for caution are as follows: - The ground pattern should be as large as possible. It is recommended to make the power supply and ground patterns wider at an inner layer using a multi-layer board. - To prevent interference between AGND and DGND and between AVCC and DVCC , make sure the respective patterns are separated. To prevent a DC offset in the power supply pattern, connect the AVCC and DVCC lines
Test Circuits
+V 5V A ICC 4V VRT AVCC DVCC1 DVCC2 5V A IEE S2
+
-
S1
S1: ON WHEN A < B S2: ON WHEN A > B
DGND3 -V CLK/E 5MHz PECL VIN 8 AB COMPARATOR HI3276 A8 TO A1 A0 B8 TO B1 B0 "1" CONTROLLER 000...00 TO 111..10 8 BUFFER
1.95V
VIN
2V
VRB
DGND2 DGND1 AGND
DVEE3 DVM
"0"
FIGURE 4. CURRENT CONSUMPTION MEASUREMENT CIRCUIT
FIGURE 5. INTEGRAL LINEARITY ERROR/DIFFERENTIAL LINEARITY ERROR MEASUREMENT CIRCUIT
9
HI3276 Test Circuits
SIGNAL SOURCE fC 4 -1kHz
(Continued)
A HI3276 VIN CLK CLK 8 LATCH B COMPARATOR A>B PULSE COUNTER
+
LATCH
2VP-P SINE WAVE SIGNAL SOURCE
1/ 8
16 LSB
fC
FIGURE 6. ERROR RATE MEASUREMENT CIRCUIT
VRT 100MHz VIN AMP OSC1 : VARIABLE CLK fR VIN HI3276 CLK 1024 SAMPLES OSC2 PECL BUFFER 100MHz 8 t LOGIC ANALYZER VIN 129 128 127 126 125 CLK SAMPLING TIMING FLUCTUATION (= APERTURE JITTER) VRM2 VRB
(LSB)
NOTE: Where (LSB) is the deviation of the output codes when the largest slew rate point is sampled at the clock which has exactly the same frequency as the analog input signal, the aperture jitter tAJ is: 256 t AJ = / ------ = / --------- x 2f . 2 t FIGURE 8. APERTURE JITTER MEASUREMENT METHOD
FIGURE 7. SAMPLING DELAY/APERTURE JITTER MEASUREMENT CIRCUIT
Operating Modes
The HI3276 has two types of operating modes which are selected with Pin 45 (SELECT).
TABLE 2. OPERATING MODE OPERATING MODE DMUX Mode Straight Mode SELECT VCC GND MAXIMUM CONVERSION RATE 160MSPS 125MSPS DATA OUTPUT Demultiplexed Output 80MBPS Straight Output 125MBPS 80MHz. The input clock is inverted and output at 100MHz. CLOCK OUTPUT The input clock is 1/2 frequency divided and output at
DMUX Mode (See Application Circuits, Figures 18, 19)
Set the SELECT pin to VCC for this mode. In this mode, the clock frequency is divided by 2 in the IC, and the data is output after being demultiplexed by this 1/2 frequency divided clock. The 1/2 frequency divided clock, which has adequate setup time and hold time for the output data, is output from the CLKOUT pin. When using multiple HI3276 units in parallel in this mode, differences in the start timing of the 1/2 frequency divided clock may cause operation as shown in Figure 9. As a countermeasure, the HI3276 is equipped with a function which resets the 1/2 frequency divided clock. When resetting this clock, the RESET pulse must be input to the RESET pin. See the Timing Charts for the RESET pulse input timing. The A/D converter can operate at fC (Min) = 160MSPS in this mode. 10
Straight Mode (See Application Circuits, Figures 20, 21)
Set the SELECT pin to GND for this mode. In this mode, data output can be obtained in accordance with the clock frequency applied to the A/D converter for applications which use the clock applied to the A/D converter as the system clock. The A/D converter can operate at fC (Min) = 100MSPS in this mode.
Digital Input Level and Supply Voltage Settings
The logic input level for the HI3276 supports PECL and TTL levels. The power supplies (DVEE3 , DGND3) for the logic input block must be set to match the logic input (CLK and RESET signals) level.
HI3276
TABLE 3. LOGIC INPUT LEVEL AND POWER SUPPLY SETTINGS DIGITAL INPUT LEVEL PECL TTL DVEE3 0V 0V DGND3 +5V +5V SUPPLY VOLTAGE +5V +5V APPLICATION CIRCUITS Figures 18, 20 Figures 19, 21
CLK HI3276 CLK CLK A 8 BITS DATA
CLKOUT
RESETN
HI3276 CLK B 8 BITS
CLKOUT DATA
RESETN
FIGURE 9. WHEN THE RESET PULSE IS NOT USED
CLK RESET PULSE HI3276 CLK CLK A 8 BITS DATA CLKOUT
RESETN
HI3276 CLK RESET PULSE B 8 BITS
CLKOUT DATA
RESETN
FIGURE 10. WHEN THE RESET PULSE IS USED
Typical Performance Curves
120 CURRENT CONSUMPTION (mA) CURRENT CONSUMPTION (mA) 120
115
115
110
110
105
105 f fIN = CLK -1kHz 4 DMUX MODE CL = 5pF 0 60 fC , CONVERSION RATE (MSPS) 160
100 -25 25 TA , AMBIENT TEMPERATURE (oC) 75
100
FIGURE 11. CURRENT CONSUMPTION vs AMBIENT TEMPERATURE CHARACTERISTICS
FIGURE 12. CURRENT CONSUMPTION vs CONVERSION RATE CHARACTERISTICS RESPONSE
11
HI3276 Typical Performance Curves
VRT = 4V VRB = 2V 100
(Continued)
4 REFERENCE CURRENT (mA)
ANALOG INPUT CURRENT (A)
3
50
2 0 2 3 ANALOG INPUT VOLTAGE (V) 4 -25 25 TA , AMBIENT TEMPERATURE (oC) 75
FIGURE 13. ANALOG INPUT CURRENT vs ANALOG INPUT VOLTAGE CHARACTERISTICS
FIGURE 14. REFERENCE CURRENT vs AMBIENT TEMPERATURE CHARACTERISTICS
50 fC = 160MSPS 10-5 fIN = -1kHz 4 ERROR > 16 LSB fCLK
ERROR RATE (TPS)
40 SNR (dB)
10-6
10-7
30
10-8
20 1 3 5 10 30 50
10-9 120 140 fC , CONVERSION RATE (MSPS) 180
INPUT FREQUENCY (MHz)
FIGURE 15. SNR vs INPUT FREQUENCY RESPONSE
FIGURE 16. ERROR RATE vs CONVERSION RATE CHARACTERISTICS
fC , MAXIMUM CONVERSION (MSPS)
180
fIN =
-1kHz 4 ERROR > 16 LSB ERROR RATE: 10-8 TPS
fCLK
170
160
150
140 -25 25 TA , AMBIENT TEMPERATURE (Co) 75
FIGURE 17. MAXIMUM CONVERSION RATE vs AMBIENT TEMPERATURE CHARACTERISTICS
12
HI3276 Application Circuits
+5V (D) DG PECL RESET PULSE 48 47 46 45 44 43 42 41 40 39 38 37 1 2 2V 3 4 +5V (A) AG +5V (A) 5 6 7 8 9 AG AG +5V (D) 4V 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 PECL - CLK DG +5V (D) 36 P1D0 TO P1D7 35 8-BIT DIGITAL DATA 34 33 32 31 30 29 28 27 26 P2D0 TO P2D7 8-BIT DIGITAL DATA 25 LATCH 8-BIT DIGITAL DATA DG +5V (D) DG LATCH
DG DG AG
8-BIT DIGITAL DATA
FIGURE 18. DMUX PECL INPUT
+5V (D) DG TTL RESET PULSE 48 47 46 45 44 43 42 41 40 39 38 37 1 2 2V 3 4 +5V (A) AG 5 6 7 +5V (A) AG AG +5V (D) 4V 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 36 P1D0 TO P1D7 35 8-BIT DIGITAL DATA 34 33 32 31 30 29 28 27 26 P2D0 TO P2D7 8-BIT DIGITAL DATA 25 LATCH 8-BIT DIGITAL DATA DG +5V (D) DG LATCH
DG AG AG
8-BIT DIGITAL DATA
TTL - CLK
DG +5V (D)
FIGURE 19. DMUX TTL INPUT
13
HI3276 Application Circuits
(Continued)
DG +5V (D) DG
48 47 46 45 44 43 42 41 40 39 38 37 DG AG AG +5V (A) AG +5V (A) AG AG +5V(D) 4V 2V 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 PECL - CLK PECL - TTL DG +5V (D) 36 P1D0 TO P1D7 35 8-BIT DIGITAL DATA 34 33 32 31 30 29 28 27 26 25 +5V (D) DG DG LATCH
8-BIT DIGITAL DATA
FIGURE 20. STRAIGHT PECL INPUT
DG
+5V (D) DG
48 47 46 45 44 43 42 41 40 39 38 37 DG AG AG +5V (A) AG +5V (A) 2V 1 2 3 4 5 6 7 8 9 AG AG +5V(D) 4V 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 TTL - CLK 36 P1D0 TO P1D7 35 8-BIT DIGITAL DATA 34 33 32 31 30 29 28 27 26 25 DG DG +5V (D) LATCH
8-BIT DIGITAL DATA
DG +5V (D)
FIGURE 21. STRAIGHT TTL INPUT
14
HI3276 Application Circuits
(Continued)
AG ANALOG INPUT 4V +5V (D) DG AG + AG
-
1F
+
AG
+5V
(A) +
+
2V
1F
+
AG
-
+
10F
SHORT SHORT
+
10F
12 DGND3
11 VRT
10 AGND
9 VRM3
8 AVCC
7 VRM2
6 VIN
5 AVCC
4 VRM1
3 AGND
2 VRB
1 DVEE3 RESETN/E 48 RESET/E 47 RESETN/T 46 SELECT 45 INV 44 CLKOUT 43 DVCC2 42 DGND2 41 P1D7 40 P1D6 39 P1D5 38 P1D4 37 36 P1D3 P1D3
13 14 TTL CLK 15 16 17 18 19 20 21 22 23 24
CLK/E
CLKN/E CLK/T NC NC NC DVCC2 DGND2 P2D0 P2D1 P2D2 DGND1 DGND2 DVCC1 DVCC2 P2D3 P2D4 P2D5 P2D6 P2D7
P1D0
P1D1 34 P1D1
25
26
27
28
29
30
31
32
33
35
(LSB) P2D0 P2D1
P2D2 P2D3
P2D4
P2D5
P2D6
(MSB) P2D7
(LSB) P1D0
P1D2
P1D2
P1D4 P1D5
SHORT THE ANALOG SYSTEM AND DIGITAL SYSTEM AT ONE POINT IMMEDIATELY UNDER THE A/D CONVERTER. SEE THE NOTES ON OPERATION. IS THE CHIP CAPACITOR OF 0.1F.
FIGURE 22. STRAIGHT MODE TTL I/O (WHEN A SINGLE POWER SUPPLY IS USED)
15
P1D6 (MSB) P1D7
HI3276
16


▲Up To Search▲   

 
Price & Availability of HI327601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X